Part Number Hot Search : 
STH60N10 MC68HC0 AN9EB00 N7002 SDR625G 3N252 SA612 N7002
Product Description
Full Text Search
 

To Download RF081L2S11 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  super fast recovery diode rf081l2s ? series ? dimensions (unit : mm) ? land size figure (unit : mm) standard fast recovery ? applications general rectification ? features 1)small power mold type. pmds ? structure 2)low switching loss 3)low forward voltage ? construction silicon epitaxial planer ? absolute maximum ratings (ti=25 ?c) symbol limits unit v rm 200 v v r 200 v tj 150 ?c tstg ? 55 to ? 150 ?c ? electrical characteristics (tj=25 ?c) symbol min. typ. max. unit v f 0.85 0.98 v i r 0.01 10 a trr 12 25 ns thermal resistance rth(j-l) 23 c/w 1.1 a 25 a d 0.5 direct voltage glass epoxy substrate mounted r-road, 60hz half sin wave tl=120c junction to lead reverse recovery time reverse current i f =1.1a v r =200v i f =0.5a,i r =1a,irr=0.25i r forward voltage conditions parameter storage temperature junction temperature forward current surge peak i fsm 60hz half sin wave, non-repetitive one cycle peak value, tj=25c average rectified forward current io reverse voltage repetitive peak reverse voltage ? taping dimensions (unit : mm) parameter conditions pmds 2.0 4.2 2.0 rohm : pmds jedec : sod-106 6 6 0.10.02 0.1 2.60.2 2.00.2 5.00.3 1.20.3 4.50.2 1.50.2 6 5 4.00.1 2.90.1 4.00.1 2.00.05 1.550.05 5.50.05 1.750.1 120.2 1.55 9.50.1 0.3 5.30.1 0.05 2.8max manufacture date 1/4 2011.10 - rev.a data sheet www.rohm.com ? 2011 rohm co., ltd. all rights reserved.
rf081l2s 1 10 100 0 5 10 15 20 25 30 f=1mhz 0.01 0.1 1 10 0 300 600 900 1200 1500 forward voltage v f (mv) v f - i f characteristics forward current : i f (a) tj=150 c tj=25 c tj=125 c tj=75 c 1 10 100 1000 10000 0 20 40 60 80 100 120 140 160 180 200 tj=150 c reverse current : i r (na) reverse voltage v r (v) v r - i r characteristics tj=125 c tj=25 c tj=75 c capacitance between terminals:ct(pf) reverse voltage : v r (v) v r - ct characteristics 700 750 800 850 900 950 1000 v f dispersion map forward voltage : v f (mv) ave:829mv i f =1.1a 1 10 100 ta=25 c v r =200v n=20pcs reverse current : i r (na) i r dispersion map ave:11.7na 30 35 40 45 50 55 60 ave:51.0pf f=1mhz v r =0v capacitance between terminals:ct(pf) ct dispersion map 2/4 2011.10 - rev.a www.rohm.com ? 2011 rohm co., ltd. all rights reserved. data sheet
rf081l2s 0 5 10 15 20 25 30 no break at 30kv c=100pf r=1.5k c=200pf r=0 ave:12.0kv 0 20 40 60 80 100 ave:74.5a 8.3ms i fsm 1cyc i fsm dispersion map its ability of peak surge forward current : i fsm (a) 0 5 10 15 20 25 30 ave:13.1ns i f =0.5a i r =1a irr=0.25 i r trr dispersion map reverse recovery time:trr(ns) 1 10 100 1 10 100 8.3ms i fsm 1cyc 8.3ms peak surge forward current : i fsm (a) number of cycles i fsm - cycle characteristics 1 10 100 1000 1 10 100 t i fsm peak surge forward current : i fsm (a) time:t(ms) i fsm - t characteristics electrostatic discharge test esd(kv) esd dispersion map 0.1 1 10 100 1000 0.001 0.01 0.1 1 10 100 1000 rth(j - l) rth(j - a) on glass - epoxy substrate soldering land 10mm rth(j - a) on glass - epoxy substrate soldering land 2mm time:t(s) rth - t characteristics transient thermal impedance:rth ( c/w) 3/4 2011.10 - rev.a www.rohm.com ? 2011 rohm co., ltd. all rights reserved. data sheet
rf081l2s 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 0 0.5 1 1.5 2 d.c. d=0.5 d=0.2 d=0.1 d=0.05 half sin wave d=0.8 forward power dissipation:pf(w) average rectified forward current io(a) io - pf characteristics 0 0.2 0.4 0.6 0.8 1 1.2 1.4 0 30 60 90 120 150 d.c. d=0.5 d=0.2 d=0.1 d=0.05 half sin wave d=0.8 average rectified forward current:io(a) ambient temperature:ta( c ) derating curve (io - ta) t tj=150 c d=t/t t v r io v r =160v 0a 0v on glass - epoxy substrate soldering land 2mm 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2 0 30 60 90 120 150 d.c. d=0.5 d=0.2 d=0.1 d=0.05 half sin wave d=0.8 average rectified forward current:io(a) case temperature:tl( c ) derating curve (io - tl) t tj=150 c d=t/t t v r io v r =160v 0a 0v 4/4 2011.10 - rev.a www.rohm.com ? 2011 rohm co., ltd. all rights reserved. data sheet
r 1 120 a ww w .rohm.com ? 20 1 1 rohm co., ltd. all rights reserved. notice rohm customer support system http://ww w . r ohm.com/contact/ thank you for your accessing to rohm p r oduct informations. mo r e detail p r oduct informations and catalogs a r e available, please contact us. notes


▲Up To Search▲   

 
Price & Availability of RF081L2S11

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X